Part Number Hot Search : 
71103 45H11 87C51FB K40A06 STK4432 30428 1N4748 MB89P135
Product Description
Full Text Search
 

To Download EC10E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encoder
10mm Size Hollow Shaft Type
EC10E Series
A series of compact and long-life encoders with unique hollow shaft design.
Detector Push Rating Slide Operating life Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts
100,000cycles 1mA 5V DC
Typical Specifications
Items Specifications
Product Line
Mount hight mm
7 9 11 5 3 24 12 Horizontal 1,600
Detent torque mN m
Number of detent
Number of pulse
Operating direction
Minimum order unit pcs.
Product No.
EC10E1220505 EC10E1220501 EC10E1220503
Dimensions
Style Incremental Type Absolute Type
E 9.8 3.6 Shaft insert F 4.4 0.6 3.2 2.4
Unit:mm
PC board mounting hole dimensions
Detail E Shaft hole position will be at random.
0.6
F
1.7 0.5
3-1.73
(o3.6)
0.4
10.8 1.8
2.2
3.5
3.5
2 3-1.5 5 Mounting surface ABC A : Outoput signal A B : Outoput signal B 2 3.7 6.1
2.98
2-2.1
(H) M 7mm M 9mm M 11mm
5
0u 6-6
3u
5
198
2
3o1 l ho es
Encoders
List of Varieties
Type Series Detector Photo Push Slide Rotary Outline specifications Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Dimensions mm Output Shaft types Operating direction Number of pulse/ Number of detent Push switch Travel mm Optional functions Changeover angle W D H Manual soldering Soldering Dip soldering
Reflow soldering
Hollow shaft 5mm size EC05E 10mm size EC10E
11mm size EM11B
Magnetic
20mm size EM20B
Incremental Hollow shaft Vertical/Horizontal 12 12 Without Horizontal 12 24 16 16 With 0.5 Single-shaft Vertical 40 40 Without/ With 0.5 Display function
5.7 2.7 6.5
9.8 12.6 4.4 350 260 5 ,3 1s max. 3s max.
10.8 11 7.5
20 22.25 13
260
max. 3s max.
Please see P.189 30 0.55mA to 1mA 85 VHI 4.0V min. VLO 10 0.5V max. to 70
Operating temperature range Maximum operating current resistive load Incremental Type Absolute Type Output signal Output type Instulation resistance Voltage proof Rotational torque Detent torque Push-pull strength Cold Dry heat Damp heat Page
40 195 2 85 3 1.6 1.3mN m 50M
lsink=5mA
Output of A and B signals, proportionate to phase difference Incremental min 50V DC 100M
A,B Square wave
Note
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
Electrical performance Mechanical performance Environmental performance
min. 100V DC
100M
min. 250V DC
50V AC for 1minute
250V AC for 1minute
300V AC for 1minute 7mN m
5
3mN m
10
5mN m 100N
8
5mN m
40 3 for 240h 85 3
for 96h for 96h
30 3 80 3
for 240h for 240h
, 90 to 95%RH for 240h 198
40 2 , 90 to 95%RH for 96h 40 2 , 90 to 95%RH for 240h 199 200
Push-on Switch Specifications
Items
Contact arrangement
EM11B
Single pole and single throw Push-on 0.5 5.5 5mA 5V DC
0.3 0.2
EM20B
0.5 6
0.4 0.3
Travel mm Operating force N Rating Contact resistance Operating life
3 50mA 12V DC
3
3A 16V DC for initial period;200m after operating life 25,000times min.
500m max for initial period;5 max after operating life 100m 1,000,000times min.
requirements of this kind.
178


▲Up To Search▲   

 
Price & Availability of EC10E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X